Part Number Hot Search : 
MUR1030E 40000 C100B AT49F080 89400 BCM91160 USD4040S 0N60B
Product Description
Full Text Search
 

To Download CBAT54C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CBAT54 CBAT54A CBAT54C CBAT54S SURFACE MOUNT SILICON SCHOTTKY DIODES
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CBAT54 Series types are Silicon Schottky Diodes in an SOT-23 Surface Mount Package.
SOT-23 CASE CBAT54: CBAT54A: CBAT54C: CBAT54S: SINGLE DUAL, COMMON ANODE DUAL, COMMON CATHODE DUAL, IN SERIES MARKING MARKING MARKING MARKING
SYMBOL VR IF IFRM IFSM PD TJ, Tstg JA
CODE: CODE: CODE: CODE:
CL4 CL42 CL43 CL44
UNITS V mA mA mA mW C C/W
MAXIMUM RATINGS: (TA=25C) Continuous Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current Forward Surge Current, tp=10ms Power Dissipation Operating and Storage Junction Temperature Thermal Resistance -65 to +150 357 30 200 300 600 350
ELECTRICAL CHARACTERISTICS PER DIODE: SYMBOL IR VF VF VF VF VF Cd trr TEST CONDITIONS VR=25V IF=0.1mA IF=1.0mA IF=10mA IF=30mA IF=100mA VR=1.0V, f=1.0 MHz IF=IR=10mA, Irr=1.0mA, RL=100
(TA=25C unless otherwise noted) MAX 2.0 240 320 400 500 800 10 5.0 UNITS A mV mV mV mV mV pF ns
R0 (13-January 2005)
Central
TM
Semiconductor Corp.
CBAT54 CBAT54A CBAT54C CBAT54S SURFACE MOUNT SILICON SCHOTTKY DIODES
SOT-23 CASE - MECHANICAL OUTLINE
2
1
2
1
2
1
2
1
D1
D2
D1
D2
D1
D2
3
3
3
3
LEAD CODE:
CBAT54 1) Anode 2) No Connection 3) Cathode MARKING CODE: CL4
LEAD CODE:
CBAT54A 1) Cathode D2 2) Cathode D1 3) Anode D1, Anode D2 MARKING CODE: CL42
LEAD CODE:
CBAT54C 1) Anode D2 2) Anode D1 3) Cathode D1, Cathode D2 MARKING CODE: CL43
LEAD CODE:
CBAT54S 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2 MARKING CODE: CL44
R0 (13-January 2005)


▲Up To Search▲   

 
Price & Availability of CBAT54C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X